PART |
Description |
Maker |
AT89C5131A AT89C5130A-M AT89C5131A-L AT89C5131A-M |
USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Extended Range Power Supply: 2.7V to 5.5V, ... USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Low Voltage Range Power Supply: 3.0V to ... USB C51-based Microcontroller with 16K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Extended Range Power Supply: 2.7V to 5.5V, ... USB Microcontrollers
|
ATMEL[ATMEL Corporation]
|
JTMP04090XXXXSES TMP04090FXXXXES |
4-BIT, OTPROM, 2 MHz, MICROCONTROLLER, UUC100 CMOS 4-bit LL Microcontroller (OTP built-in) (LL: Low power consumption & voltage operation microcontroller)
|
TOSHIBA
|
MB89W857CF-ES-BND MB89P857P-SH MB89W857C-SH MB8985 |
8-bit Proprietary Microcontroller 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CDIP64 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PDIP64 Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
C513A-LM C511 C513A-RN C511A-RN C513A-HN C511-RN Q |
8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-PDIP -55 to 125 8位CMOS微控制器
|
SIEMENS AG
|
UPD17227GT-XXX UPD17228GT-XXX UPD17225GT-XXX UPD17 |
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER Microcontroller 微控制器 MICROCONTROLLER|4-BIT|UPD17K CPU|CMOS|SOP|28PIN|PLASTIC
|
NEC
|
CY7C68013A-128AXI CY7C68013A-56LTXCT |
EZ-USB FX2LPUSB Microcontroller 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128 EZ-USB FX2LP(TM) USB Microcontroller High-Speed USB Peripheral Controller; # Endpoints: 7; Core: Enhanced 8051; Data Transfers: Bulk, Interrupt, Isochronous; Development Kit: CY3684
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CY7C601XX0909 CY7C60113-PVXC |
enCoReII Low Voltage Microcontroller 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PDSO28 enCoRe II Low Voltage Microcontroller
|
Cypress Semiconductor
|
W78L32 W78L32-24 W78L32F-24 W78L32P-24 |
8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQFP44 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 From old datasheet system
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
AM79571-2JC AM79573-1PC AM79573-2JC AM79573-2DC AM |
24MHZ, PLCC, COM TEMP(MCU 5X) 24MHZ, TQFP, IND TEMP(MCU 5X) 8051 MCU 32K FLASH 4.0-5.5V,44 TQFP GRN(MCU 5X) 24MHZ, PDIP, COM TEMP(MCU 5X) 用户线接口电 CAN C51 64KFLASH PLCC52 CANBOOT GREEN 用户线接口电 Subscriber Line Interface Circuit 用户线接口电
|
Advanced Micro Devices, Inc. Souriau Connection Technology Analog Devices, Inc.
|